Part Number Hot Search : 
TM02129 Y100E HS2262 SOT23 365S8GE 8F320 FQT1N80 08010
Product Description
Full Text Search
 

To Download P6SMB16CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 600W Surface Mount Transient Voltage Suppressor P6SMB6.8A - P6SMB250CA
600W Surface Mount Transient Voltage Suppressor
Features
Breakdown voltage from 6.8 to 250 volts Low inductance, excellent clamping capability Repetition rate(duty cycle): 0.01% Fast response time: typically less than 1.0ps from 0v to VBR For unidirectional types Typical IR less than 1 A above 10V High temperature soldering guaranteed:250C/10 seconds at terminals This series is UL recognized under component index. File number E315008 RoHS Compliant SMB
Mechanical Data
Case: Epoxy: Terminals: Polarity: Mounting position: Weight: JEDEC DO-214AA (SMB) molded plastic over glass passivated junction Meets UL 94V-0 flammability rating Solder plated, solderable per MIL-STD-750, Method 2026 Color band denoted positive end (cathode) except Bi-directional Any 0.003 ounces, 0.093 gram
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol PPPM IPPM IFSM Description
Peak Pulse Power Dissipation on 10/1000s Waveform Peak Pulse Current on 10/1000s Waveform Peak Forward Surge Current Operating Junction and Storage
Value
Minimum 600 See Table 100 -55 to 150
Unit
W A A C
Conditions
Non-repetitive current pulse, per FIG.3 and derated above TA=25 C per FIG.2 Non-repetitive current pulse 8.3ms single half sine-wave superimposed on rated load, (JEDEC Method) (Note 1,2)
TJ,TSTG Temperature Range
Note: 1. Mounted on 5.0mm x 5.0mm (0.03mm thick) copper pads to each terminal 2. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle= 4 pulses per minutes maximum.
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. D/AH 2008-02-25 Page 1 of 6
600W Surface Mount Transient Voltage Suppressor P6SMB6.8A - P6SMB250CA
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Device Marking Code Reverse Stand-off Voltage Breakdown Voltage @ Test Current. Max. Clamping Voltage @ Max. Peak Pulse Current Max. Reverse Leakage Current @ V WM
Part NO.
V BR
Uni-Polar P6SMB6.8A P6SMB7.5A P6SMB8.2A P6SMB9.1A P6SMB10A P6SMB11A P6SMB12A P6SMB13A P6SMB15A P6SMB16A P6SMB18A P6SMB20A P6SMB22A P6SMB24A P6SMB27A P6SMB30A P6SMB33A P6SMB36A P6SMB39A P6SMB43A P6SMB47A P6SMB51A P6SMB56A P6SMB62A P6SMB68A P6SMB75A P6SMB82A P6SMB91A P6SMB100A P6SMB110A P6SMB120A P6SMB130A Bi-Polar P6SMB6.8CA P6SMB7.5CA P6SMB8.2CA P6SMB9.1CA P6SMB10CA P6SMB11CA P6SMB12CA P6SMB13CA P6SMB15CA P6SMB16CA P6SMB18CA P6SMB20CA P6SMB22CA P6SMB24CA P6SMB27CA P6SMB30CA P6SMB33CA P6SMB36CA P6SMB39CA P6SMB43CA P6SMB47CA P6SMB51CA P6SMB56CA P6SMB62CA P6SMB68CA P6SMB75CA P6SMB82CA P6SMB91CA P6SMB100CA P6SMB110CA P6SMB120CA P6SMB130CA Uni 6V8A 7V5A 8V2A 9V1A 10A 11A 12A 13A 15A 16A 18A 20A 22A 24A 27A 30A 33A 36A 39A 43A 47A 51A 56A 62A 68A 75A 82A 91A 100A 110A 120A 130A Bi 6V8C 7V5C 8V2C 9V1C 10C 11C 12C 13C 15C 16C 18C 20C 22C 24C 27C 30C 33C 36C 39C 43C 47C 51C 56C 62C 68C 75C 82C 91C 100C 110C 120C 130C
IPPM
Max. 7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21 23.1 25.2 28.4 31.5 34.7 37.8 41 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105 116 126 137 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 10
V WM (V)
5.8 6.4 7.02 7.78 8.55 9.4 10.2 11.1 12.8 13.6 15.3 17.1 18.8 20.5 23.1 25.6 28.2 30.8 33.3 36.8 40.2 43.6 47.8 53 58.1 64.1 70.1 77.8 85.5 94 102 111
Min. 6.45 7.13 7.79 8.65 9.5 10.5 11.4 12.4 14.3 15.2 17.1 19 20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95 105 114 124
IT(mA)
VC (V)
10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.5 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77 85 92 103 113 125 137 152 165 179
IPPM (A)
58.1 54.0 50.4 45.5 42.1 39.1 36.5 33.5 28.8 27.1 24.2 22.0 19.9 18.4 16.3 14.7 13.3 12.2 11.3 10.3 9.4 8.7 7.9 7.2 6.6 5.9 5.4 4.9 4.5 4.0 3.7 3.4
ID (A)
1000/2000 500/1000 200/400 50/100 10/20 5/10 5/10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Rev. D/AH 2008-02-25 www.taitroncomponents.com Page 2 of 6
600W Surface Mount Transient Voltage Suppressor P6SMB6.8A - P6SMB250CA
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Device Marking Code Reverse Stand-off Voltage Breakdown Voltage @ Test Current. Max. Clamping Voltage @ Max. Peak Pulse Current Max. Reverse Leakage Current @ V WM
Part NO.
V BR
Uni-Polar P6SMB150A P6SMB160A P6SMB170A P6SMB180A P6SMB200A P6SMB220A P6SMB250A Bi-Polar P6SMB150CA P6SMB160CA P6SMB170CA P6SMB180CA P6SMB200CA P6SMB220CA P6SMB250CA Uni 150A 160A 170A 180A 200A 220A 250A Bi 150C 160C 170C 180C 200C 220C 250C
IPPM
Max. 158 168 179 189 210 231 263
V WM (V)
128 136 145 154 171 185 214
Min. 143 152 162 171 190 209 237
IT(mA)
1 1 1 1 1 1 1
VC (V)
207 219 234 246 274 328 344
IPPM (A)
2.9 2.8 2.6 2.5 2.2 1.9 1.8
ID (A)
1 1 1 1 1 1 1
Note: For bi-directional type having VWM of 10V and less, the ID limit is double.
Typical Characteristics Curves
PPPM - Peak Pulse Power Dissipation (KW)
Fig.1- Peak Pulse Power Rating Curve
Fig.2- Pulse Derating Curve
PPPM or IPPM, Derating in Percentage (%)
Td - Pulse Width (sec.)
Ta - Ambient Temperature (C)
Rev. D/AH 2008-02-25 www.taitroncomponents.com Page 3 of 6
600W Surface Mount Transient Voltage Suppressor P6SMB6.8A - P6SMB250CA
Fig.3- Pulse Waveform
Fig.4 - Max. Non-Repetitive Forward Surge Current
IFSM - Peak Forward Surge Current (A)
IPPM - Peak Pulse current (%)
T - Time (ms)
Number of Cycles at 60Hz
PM(AV) Steady State Power Dissipation (W)
Fig.5- Steady State Power Derating Curve
Fig.6- Typical Junction Capacitance
CJ- Junction Capacitance
VWM - Reverse Stand-Off Voltage (V) TL - Lead Temperature (C)
Rev. D/AH 2008-02-25 www.taitroncomponents.com Page 4 of 6
600W Surface Mount Transient Voltage Suppressor P6SMB6.8A - P6SMB250CA
Dimensions in inches (mm)
SMB
Rev. D/AH 2008-02-25 www.taitroncomponents.com Page 5 of 6
600W Surface Mount Transient Voltage Suppressor P6SMB6.8A - P6SMB250CA
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. D/AH 2008-02-25 www.taitroncomponents.com Page 6 of 6


▲Up To Search▲   

 
Price & Availability of P6SMB16CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X